Part Number Hot Search : 
68HC908 LAS15A12 SKIIP2 BFX98 DAC12 BFQ149 MAX1707 SMA4002M
Product Description
Full Text Search
 

To Download BCM5788 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NETLINKTM BCM5788(M)
(R)
SINGLE-CHIP 32-BIT PCI GIGABIT CONTROLLER WITH PHY
FEATURES
s
SUMMARY OF BENEFITS * Ultra-low power for notebook designs
* 0.13 CMOS design allows industry's lowest power * Advanced power management * Enables notebook and desktop PC products for all segments * Footprint-compatible with 4401, a 10/100 companion chip * Allows one board layout for both Gigabit and Fast Ethernet applications Power optimized through reduced CPU utilization * * Adaptive interrupts minimizes calls to the PC's CPU * TCP/IP offloads reduce CPU burden significantly * Reduces power consumption of PC processor * Allows use of lower power/performance PC processor * Space savings for LOM * 196-pin HBGA package * No external memory * Integrated power circuitry reduces BOM costs
* Single chip device for both notebook and desktop LAN on
Motherboard (LOM) or Network Interface Card (NIC) applications * Integrated 10/100/1000BASE-T transceiver * 10/100/1000BASE-T triple-speed MAC * PCI v2.2, 32-bit/33-MHz host interface * Advanced power management, ACPI compliance
* Performance features
* TCP, IP, UDP checksum * CPU task offload * Adaptive interrupts * Robust manageability * Wake-on LAN (WOL) * Out-of-box mode WOL * PXE 2.0 remote boot * 3.3V I/Os (5V tolerant)
* JTAG * Industry's smallest 10/100/1000 MAC+PHY solution that is
optimized for notebook and desktop NIC and LOM applications
OVERVIEW
RX 10/100/1000 PHY TX
10/100/1000 MAC
Buffer Memory
Processor
Memory Controller
PCI 25 MHz PLL Memory PCI Bus
LED Control
EEPROM Control EEPROM Interface
PLL
PCI Clk
LED Signals
The NetLinkTM BCM5788(M) is a fully integrated 10/100/1000BASET Gigabit Ethernet media access control and physical layer transceiver (PHY) solution for client networking applications. The NetLink BCM5788(M) combines a triple-speed, IEEE 802.3-compliant media access controller (MAC), a PCI v2.2 bus interface, an on-chip buffer memory, and an integrated PHY in a single device. The NetLink BCM5788(M) is fabricated in a low-voltage 0.13 CMOS process, providing an ultra-low power solution. The transceiver is fully compatible with the IEEE 802.3 standard for auto-negotiation of speed.
Target Applications of the NetLink BCM5788(M) * Consumer/SMB Desktop PC NIC * Consumer/SMB Desktop PC LOM * Consumer/SMB Notebook PC LOM Software Drivers Available * Windows(R) 98, NT(R), 2000, XP, ME * Linux(R) 2.4
Broadcom(R), the pulse logo, and Connecting everything(R) are trademarks of Broadcom Corporation and/ or its subsidiaries in the United States and certain other countries. All other trademarks mentioned are the property of their respective owners.
(R)
BROADCOM CORPORATION 16215 Alton Parkway, P.O. Box 57013 Irvine, California 92619-7013
(c) 2004 by BROADCOM CORPORATION. All rights reserved. 5788-PB01-R 03/12/04
Phone: 949-450-8700 Fax: 949-450-8710 E-mail: info@broadcom.com Web: www.broadcom.com


▲Up To Search▲   

 
Price & Availability of BCM5788

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X